PART |
Description |
Maker |
AM29F160DB75FC AM29F160DT120FC AM29F160DT75FC AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory Switch Mode Power Supply; Series:SC40; Output Voltage:5V; Output Power Max:40W; Output Current:4A; Number of Outputs:3; Output Current 2:1A; Output Current 3:0.5A Triple 3-Input Positive-AND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-TVSOP -40 to 85
|
http:// AMD Advanced Micro Devices, Inc.
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
207 208 252 239 250 230 248 256 237 253 242 238 20 |
Low-Frequency Dual EconOscillator Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN Evaluation Kit for the MAX2251 5 Volt and 3.3 Volt MicroMonitor Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier 1-Wire Parasite-Power Digital Thermometer Econ-Digital Thermometer and Thermostat 3.3V EconoReset with Open Drain Output Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface Interface IC Pin Switch Drivers
|
New England Microwave Corp.
|
P6MU-XXXXZH40 P6MU-0505ZH40 P6MU-053R3ZH40 P6MU-12 |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output 4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 4千伏隔震1W的未稳压双输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
SMHF2812DE/HO SMHF283R3DF/OR SMHF2812DF/HR SMHF280 |
DC/DC CONVERTERS 28 VOLT INPUT 2-OUTPUT 12 W DC-DC REG PWR SUPPLY MODULE DC/DC CONVERTERS 28 VOLT INPUT 1-OUTPUT 12 W DC-DC REG PWR SUPPLY MODULE DC/DC CONVERTERS 28 VOLT INPUT DC / DC转换28伏的输入 DC/DC CONVERTERS 28 VOLT INPUT 2-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE DC/DC CONVERTERS 28 VOLT INPUT 1-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
P6MU-2415EH52 P6MU-0505EH52 P6MU-0512EH52 P6MU-120 |
Input voltage:5V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:5V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output 5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 5.2千伏隔震1W的未稳压单输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
APX321SEG-7 APX358SG-13 APX358M8G-13 APX324TSG-13 |
Low Voltage, Rail-to-Rail Input and Output Dual Operational Amplifiers Low Voltage, Rail-to-Rail Input and Output Quad Operational Amplifiers Low Voltage, Rail-to-Rail Input and Output Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO5
|
Diodes Incorporated
|
PZ8GG-1515ZH30 PZ8GG-0505ZH30 PZ8GG-0512ZH30 PZ8GG |
Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:15V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 Input voltage:12V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
TXS100ZA TXS100ZB TXS100ZY TXS75ZA TXS75ZB TXS75ZY |
Input voltage range 36ˇ75V DC Single 80ˇ100A output 1500V DC I/O electrical strength test voltage 输入电压范围3675V直流1500V的单80100A直流输出的I / O电气强度试验电压 Input voltage range 365V DC Single 8000A output 1500V DC I/O electrical strength test voltage Input voltage range 36?5V DC Single 80?00A output 1500V DC I/O electrical strength test voltage
|
Power-One
|
WE300M WE400M WE320M WE300 WE301 WE301M WE320 |
DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 2.5 VDC. Output current 5000 mA. Input current 30 mA(no load), 645 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 5 VDC. Output current 4000 mA. Input current 20 mA(no load), 992 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 3.3 VDC. Output current 5000 mA. Input current 20 mA(no load), 828 mA(full load). DC to DC Converter
|
International Power Sources
|